Part Number Hot Search : 
AP1501 TA3S15E NTE7067 NTE7067 254851 ER107 TC322 TES75
Product Description
Full Text Search
 

To Download TW8807 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  to request the full datasheet, please visit www.intersil.com/products/TW8807 1 j u ly 12, 2011 fn 7758.1 c aution: these devices are sensitive to electrostatic discharge; follow proper ic handling procedures. 1 - 888 - intersil or 1 - 888 - 468 - 3774 | copyright intersil americas inc. 2011 . all rights reserved intersil (and design) is a trademark owned by intersil corporation or one of its subsidiaries. all other trademarks mentioned are the property of their respectiv e owners. not recommended for new designs recommended replacement part tw8833 (not pin compatible) datasheet lcd flat panel controller with built - in ntsc/pal/secam decoder and analog t - con TW8807 introduction applications ? lcd tvs for home and mobile use ? rear seat entertainment ? portable dvd , pmp and hmd ( head mount display) features the TW8807 is a low cost high quality tft panel controller with embedded ntsc/pal/secam tv decoder. it incorporates all the features required to create multi - purpose lcd tv systems in a single package. it contains all the circuits required to adapt standar d ntsc/pal/secam analog tv input signals for display on various tft lcd panel types. an integrated timing controller and three dacs allows direct interface with analog lcd panels. its versatile 5 analog inputs allow cvbs, s - video signal to be connected sim ultaneously. other features include: high quality adaptive 4h comb filter, downscaling to qvga output resolution, 2d de - interlacer and panoramic scaler, and multi - window programmable osd. it also includes image enhancement functions , such as black and whit e stretch, 2d peaking, cti, and favorite color enhancement to further improve picture quality. to support analog panel, it also includes cost saving feature s like charge pump booster and programmable panel offset control. analog video decoder ntsc (m, 4. 43 ) and pal (b, d, g, h, i, m, n, n combination), pal (60), secam with automatic format detection ? advanced synchronization processing for vcr trick play signal ? two 10 - bit a dcs and analog clamping circuit ? built - in analog anti - aliasing filter ? fully programma ble static gain or automatic gain control for the y or cvbs channel ? programmable white peak control for the y or cvbs channel ? software selectable analog inputs allows any of the following combinations: ? up to 4 composite video ? up to 1 s - video ? 4 - h adaptive c omb filter y/c separation ? pal delay line for color phase error correction ? digital pll for both color and horizontal locking ? programmable hue, brightness, saturation, contrast, sharpness, gamma control, and noise suppression ? automatic color control and col or killer ? detection of level of copy protection according to macrovision standard tft panel support ? supports a wide variety of analog active matrix tft panels ? supports delta rgb 8 bits digital pixel format on screen display ? built - in osd controller with int egrated characte r rom and programmable ram font ? multi - window osd support with color palette ? support s osd overlay with alpha blending image control ? programmable hue, brightness, saturation, contrast ? sharpness control with vertical peaking ? programmable color transient improvement control ? built - in de - interlacing engine ntsc / pal / secam tuner vga out techwell TW8807 audio amp micro - controller
all intersil u.s. products are manufactured, assembled and tested utilizing iso900 1 quality systems. intersil corporations quality certifications can be viewed at www.intersil.com/design/quality. intersil products are sold by description only. intersil corporation reserves the right to make changes in circuit de sign, software and/or specifications at any time without notice. accordingly, the reader is cautioned to verify that data sheets are current before placing orders. information furnished by intersil is believed to b e accurate and reliable. however, no respo nsibility is assumed by intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use . no license is granted by implication or otherwise under any patent or patent rights of in tersil or its subsidiaries. for information regarding intersil corporation and its products, see www.intersil.com ? independent rgb gain and offset controls ? panorama / water - glass scaling ? ycbcr hue adjustment ? programmable gamma correction tables power management ? supports panel power sequencing ? supports dp ms for monitor power management ? 1.8 / 3.3 v operation timing controller (t con) ? support programmable interface signals for control column ( source) driver / row ( gate) driver miscellaneous ? supports 2 - wire serial bus interface ? spread spectrum pll ? programmable panel vcom offset control ? dual charge pumping circuit with feedback sensing ? 5v tolerant i/o ? power - down mode ? typical power consumption less than 500m w ? single 27mhz crystal ? 64 - pin lqfp package


▲Up To Search▲   

 
Price & Availability of TW8807

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X